PART |
Description |
Maker |
LTC3728LEGNPBF LINEARTECHNOLOGYCORP-LTC3728LXCUHTR |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28 Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3728L LTC3728LX LTC3728LXCUH LTC3728LCGN LTC372 |
Dual, 550kHz, 2-Phase Synchronous Regulators
|
LINER[Linear Technology] Linear Technology Corporation
|
LT1709 LT1709-8 |
Dual, 550kHz, 2-Phase Synchronous Regulator
|
Linear Technology
|
MP3410DJ |
1.3A, 550kHz Synchronous Rectified Step-up Converter
|
Monolithic Power Systems
|
LTC1702A LTC1702ACGNTR LTC1702ACGNTRPBF LTC1702ACG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24
|
Linear Technology, Corp.
|
LTC3868EGN-1TRPBF LTC3868-1-15 |
Low IQ, Dual 2-Phase Synchronous 2-Phase Synchronous Step-Down Controller; Package: 28-SSOP; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
IDT70T9159L12PF1 IDT70T9159L7BF1 IDT70T9159L9PF1 I |
HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.5V6/8K × 9同步流水线双端口静态RAM HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 16K X 9 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Technology, Inc.
|
SC2446A |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|